Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download TF-IMBI-QM57-A20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-35 10 features embedded & industrial motherboards specifications industrial motherboard with intel? core? i7/i5 mobile processor system form factor mini-itx processor intel? core? i7/i5 rpga988 (32/45nm) cpus, tdp: 35w max. system memory dual-channel ddr3 800/1066 sodimm x 2, up to 8 gb chipset intel? qm57 ethernet intel? 10/100/1000base-tx, rj-45 x 2 lan1: intel? 82577lm (supports intel? iamt 6.0) lan2: intel? 82574l/82583v audio hd audio codec with realtek alc888 bios ami bios 64 mb spi rom i/o chipset ite it8718f i/o controller storage sata 3.0gb/s connector x 3, raid 0, 1, 5, 10 ssd compactflash? type 2 socket x 1 dio programmable 8-bit (4 input/4 output) watchdog timer 1 ~ 255 steps, can be set with software on super i/o h/w status monitoring monitoring system temperature, voltage, and cooling fan status expansion interface pci-express [x4] x 1, mini pcie x 1, pci x 1 power requirement atx standard 24-pin connector x 1 power consumption board size (l x w) 6.7" x 6.7" (170mm x 170mm) gross weight 0.66 lb (0.3 kg) operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -4f ~ 158f (-20c ~ 70c) storage humidity 10~80%, non-condensing mtbf (hours) 56,000 display chipset intel? core? i7/i5 + qm57 graphic engine intel? gen 6.0 integrated graphics engine resolution 2048 x 1536 for crt 1920 x 1080 for dvi lcd interface dual-channel 24-bit lvds video interface vga x 1, dvi-d x 1, hdmi x 1 i/o serial port rs-232 port x 1 supports 5/12v on the 9th pin rs-232/422/485 box header x 1 supports 5/12v on the 9th pin rs-232 box header x 2 kb & mouse keyboard x 1 & mouse x 1 usb usb2.0 x 8 (four in the i/o side, four with header) audio audio jack x 3 with btx type ( mic in, line in, line out) ethernet rj-45 x 2 display vga x 1, dvi-d x 1 intel? core? i7/i5 rpga988 (32/45nm) processor integrated graphics & memory controller intel? qm57 dual-channel ddr3 800/1066 memory (up to 8 gb) intel? gigabit ethernet x 2, support intel? iamt 6.0 dual view with vga, dvi, hdmi, lvds sata 3.0gb/s x 3, raid 0, 1, 5, 10 usb2.0 x 8, com x 4 pci-express [x4] x 1, mini pcie x 1, pci x 1 packing list 1709070800 ? sata signal cable 1701100305 ? com port cable with db-9 1709100201 ? usb cable m20qm57000 ? i/o shield product cd ? imbi-qm57 ? vga com1 gigabit lan x 2 lvds port pci slot qm57 chipset qm57 chipset pci-e [x4] slot sys fan port atx 24p atx/ cpu upga988 socket com2 sata 3.0gb/s x 3 com3 ddr3/so-dimm com4 line-out line-in usb2.0 x 2 hdmi dvi-d mouse keyboard mic-in imbi-qm57
10-36 part number cpu ram fan/fanless display storage lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. TF-IMBI-QM57-A20 socket sodimm fan vga/dvi-d/ lvds/hdmi sata2 x 3, cf x 1 24-bit dual-channel gbe x 2 8 3 1 mini pcie x 1 pci-e[x4] x 1 pci x 1 atx 0c ~ 60c dimension unit: mm ordering information optional accessories 1759200170 ? cpu cooler for rpga988 cpu, tdp 35w tf-per-1110-a10 ? r iser card for pci, 2-slot tf-per-r16p-a10 ? riser card, pci + pci-e[x4] imbi-qm57


▲Up To Search▲   

 
Price & Availability of TF-IMBI-QM57-A20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X